Part Number Hot Search : 
DTC114Y FDD26AN LBC848 TC1226 123BF IP117 ACTR550 KDZ33V
Product Description
Full Text Search
 

To Download APHHS1005QWFD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsak0125 rev no: v.6b date: jun/30/2016 page: 1 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203009228 1.0x0.5mm smd chip led lamp attention observe precautions for handling electrostatic discharge sensitive devices part number: aphhs1005qwf/d white features z 1.0mmx0.5mm smd led, 0.5mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z package: 2000pcs / reel . z moisture sensitivity level : level 3. z rohs compliant. descriptions z the source color devices are made with ingan light emitting diode. z electrostatic discharge and power surge could damage the leds. z it is recommended to use a wrist band or anti- electrostatic gl ove when handling the leds. z all devices, equipments and machineries must be electrically grounded. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications.
spec no: dsak0125 rev no: v.6b date: jun/30/2016 page: 2 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203009228 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c part no. emitting color (material) lens type v iewing angle [1] min. typ. 2 1/2 aphhs1005qwf/d white (ingan) yellow fluorescent 120 200 160 iv (mcd) [2] @ 20ma parameter values units power dissipation 120 mw dc forward current 30 ma peak forward current [1] 150 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c electrostatic dischar ge threshold (hbm) 250 v symbol parameter emitting color typ. max. units test conditions v f [1] forward voltage white 3.3 4.0 v i f =20ma i r reverse current white 50 ua v r = 5v x [2] chromaticity coordinates white 0.31 y [2] 0.31 c capacitance white 100 pf v f =0v;f=1mhz notes: 1. forward voltage: +/-0.1v. 2. measurement tolerance of the chromaticity coordinates is 0.01. 3. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure. notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity / luminous flux: +/-15%. 3. luminous intensity value is traceable to cie127-2007 standards. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. relative humidity levels maintained between 40% and 60% in pr oduction area are recommended to avoid the build-up of static electricity ? ref jedec/jesd625-a and jedec/j-std-033.
spec no: dsak0125 rev no: v.6b date: jun/30/2016 page: 3 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203009228 white aphhs1005qwf/d
spec no: dsak0125 rev no: v.6b date: jun/30/2016 page: 4 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203009228 0.20 0.25 0.30 0.35 0.40 0.20 0.25 0.30 0.35 0.40 x y a2 a0 b1 b2 c0 white cie x y x y x y a2 0.263 0.213 a0 0.282 0.245 b2 0.298 0.271 0.282 0.245 0.298 0.271 0.313 0.296 0.265 0.265 0.286 0.299 0.306 0.332 0.242 0.226 0.265 0.265 0.286 0.299 b1 0.313 0.296 c0 0.329 0.325 0.329 0.325 0.358 0.372 0.329 0.371 0.363 0.400 0.306 0.332 0.329 0.371 aphhs1005qwf/d notes: shipment may contain more than one chromaticity regions. orders for single chromaticity region are generally not accepted. measurement tolerance of the chro maticity coordinates is 0.01.
spec no: dsak0125 rev no: v.6b date: jun/30/2016 page: 5 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203009228 aphhs1005qwf/d reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsak0125 rev no: v.6b date: jun/30/2016 page: 6 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp: 1203009228 terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes packing & label specifications aphhs1005qwf/d


▲Up To Search▲   

 
Price & Availability of APHHS1005QWFD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X